Part Number Hot Search : 
LC75864E 14D431K L6232 C3040 580024 CS5524 SMBJ26A 40102
Product Description
Full Text Search
 

To Download DDTA123EKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R1 = R2 SERIES) KA
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors, R1 = R2 Lead Free/RoHS Compliant (Note 2) "Green" Device, Note 3 and 4 SC-59
A
Dim A B
BC
Min 0.35 1.50 2.70 0.95 1.90 2.90 0.013 1.00 0.35 0.10 0
Max 0.50 1.70 3.00
Mechanical Data
* * Case: SC-59 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Copper leadframe). Terminal Connections: See Diagram Marking Information: See Table Below & Page 4 Ordering Information: See Page 4 Weight: 0.008 grams (approximate) P/N DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA R1, R2 (NOM) Type Code P04 2.2K P08 4.7K P13 10K P17 22K P20 47K P24 100K
1 IN
C D G H J
M
G H K
3.10 0.10 1.30 0.55 0.20 8
* * * * * * *
K L M
J
D
L
All Dimensions in mm
OUT 3
C B R1 R2
IN B
1
3
C OUT
E
2 GND(+)
GND (+)
Equivalent Inverter Circuit Schematic and Pin Configuration
Maximum Ratings
Supply Voltage, (3) to (2) Input Voltage, (1) to (2)
@TA = 25C unless otherwise specified Symbol VCC DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA All Value -50 +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 -100 -100 -50 -30 -100 -20 -100 200 625 -55 to +150 Unit V
Characteristic
2
E
VIN
V
Output Current
IO
mA
Output Current Power Dissipation
IC (Max) Pd RJA Tj, TSTG
mA mW C/W C
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30341 Rev. 8 - 2
1 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) KA
(c) Diodes Incorporated
Electrical Characteristics
Characteristic
@TA = 25C unless otherwise specified Symbol Vl(off) Min -0.5 Typ -1.1 Max Unit Test Condition VCC = -5V, IO = -100A VO = -0.3V, IO = -20mA, DDTA123EKA VO = -0.3V, IO = -20mA, DDTA143EKA VO = -0.3V, IO = -10mA, DDTA114EKA VO = -0.3V, IO = -5mA, DDTA124EKA VO = -0.3V, IO = -2mA, DDTA144EKA VO = -0.3V, IO = -1mA, DDTA115EKA IO/Il = -10mA/-0.5mA, DDTA123EKA IO/Il = -10mA/-0.5mA, DDTA143EKA IO/Il = -10mA/-0.5mA, DDTA114EKA IO/Il = -10mA/-0.5mA, DDTA124EKA IO/Il = -10mA/-0.5mA, DDTA144EKA IO/Il = -5mA/-0.25mA, DDTA115EKA
Input Voltage Vl(on)
V -1.9 -3
Output Voltage
VO(on)
-0.1
-0.3
V
Input Current
DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA
Il
-3.8 -1.8 -0.88 -0.36 -0.18 -0.15 -0.5
mA VI = -5V
Output Current DDTA123EKA DDTA143EKA DDTA114EKA DDTA124EKA DDTA144EKA DDTA115EKA
IO(off)
20 20 30 56 68 82 -30 0.8
A
VCC = -50V, VI = 0V VO = -5V, IO = -20mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA
DC Current Gain
Gl
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product*
* Transistor - For Reference Only
R1 R2/R1 fT
1 250
+30 1.2
%
V = -10V, IE = 5mA, MHz CE f = 100MHz
DS30341 Rev. 8 - 2
2 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) KA
(c) Diodes Incorporated
Typical Curves - DDTA143EKA
250
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V) 1
IC/IB = 10
Pd, POWER DISSIPATION (mW)
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1.000
0.001
0
40 10 20 30 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
50
12
f = 1MHz
10
hFE, DC CURRENT GAIN
100
COB, CAPACITANCE (pF)
8
6
10
4
2
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0 0 10 15 25 20 5 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance 30
100
VO = 5V
10
VO = 0.2V
IC, COLLECTOR CURRENT (mA)
Vin, INPUT VOLTAGE (V)
10
75C
1
1
0.1
0.01
0
1
3 8 7 9 6 4 5 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2
0
10
0
10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
DS30341 Rev. 8 - 2
3 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) KA
(c) Diodes Incorporated
Ordering Information (Note 4 & 5)
Device DDTA123EKA-7-F DDTA143EKA-7-F DDTA114EKA-7-F DDTA124EKA-7-F DDTA144EKA-7-F DDTA115EKA-7-F
Notes:
Packaging SC-59 SC-59 SC-59 SC-59 SC-59 SC-59
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PXX
PXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code
2002 N Jan 1
2003 P Feb 2
2004 R Mar 3
2005 S Apr 4
YM
2006 T May 5 Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30341 Rev. 8 - 2
4 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) KA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTA123EKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X